PART |
Description |
Maker |
0380520000 |
Modular Terminal; Wire Size (AWG):8; Mounting Type:Clipped; Current Rating:36A; Series:Sak Series; Width:8mm RoHS Compliant: Yes 47 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
3T110B 3T072B 3T110A 3T064A 3T064B 3T072A 3T350B 3 |
TWO TERMINAL THYRISTOR SERIES
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
BA7810CP-E2 BA78SERIES-E BA17805CP-E2 BA17805FP-E2 |
1A Output 78 series Regulators 500mA Output 78 series Regulators three-terminal regulators available with several fixed output voltages. It supplies the 1A Output 78 series Regulators 1A Output 78 series Regulators
|
Rohm
|
2SK3013 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2192 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2180 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2677 |
Power MOSFETs / HVX-II Series (Three Terminal Type)
|
Shindengen
|
ACH3218-220-T |
3-terminal Filters For power line ACH series
|
TDK Electronics
|
|